Part Number Hot Search : 
ES6430E BFG91 9015A 09271 E752R042 LM78108M 00050 DD2524S
Product Description
Full Text Search
 

To Download IDT75K52413 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4.5M Network Search Engine (NSE) with Quad AMCC XSC Interface
Advanced Information IDT75K52413
To request the full datasheet, please contact your local IDT Sales Representative or call 1-831-754-4555
Introduction
As part of the IDT IP Co-Processor product family, IDT delivers high performance, feature-rich, easy-to-use, Network Search Engine (NSE) products. Using CAM (Content Addressable Memory) technology, IDT NSE products accelerate search functions for Access Control Lists (ACL), Flow Caching, and forwarding to improve performance in next generation networking equipment.
Device Description
The NSE Quad XSC interface is intended to work with any AMCC NPU with an external search co-processor interface (XSC). It will operate with multiple NPUs such as the nP3400 and nP7250, or can be used to satisfy the four XSC requirements of the nP7510. The 75K52413 is compliant with the XSC specification and the device may be optionally expanded up to eight devices deep providing 1 million entries of 32-bit width.
Features
x x x
x
x x x
x
x x x x x
64K x 72 (4.5M) Data and Mask cells Full Ternary Content Addressable Memory Advanced Database Management - Selectable Databases - Programmable Width per Database - Lookup widths from 32 to 512 bits - Only the selected Database is powered Maintenance Instructions - Aging - Multi Hit Invalidate - Learn per Database Support for Multiple Contexts Pool of Global Mask Registers Control and Management - 32-bit Host control port featuring glueless PPC interface - Capable of In-Band Control and Management Associated Data SRAM is supported through a glueless ZBT(R) interface Lowest Power per Application Synchronous Pipeline Operation Boundary Scan JTAG Interface 1.2V Core Supply 3.3V I/O Supply for XSC I/O and ZBT(R) SRAM
Figure 1.0 AMCC NPU Interface
CPU
CPU Port
May be expanded up to 8 NSE devices
NPU#0
CPU CPU
Request Request
Optional ASSOCIATED ZBT SRAM
NPU#1 NPU#2 NPU#3
4 NPU Request Ports
NSE #0
NSE #1
NSE #2
Result Interface
4 NPU Response Ports
One, two or four XSC interfaces can be enabled
6106 dw00
APRIL 2003
1
(c) 2002 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. DSC-6106/00


▲Up To Search▲   

 
Price & Availability of IDT75K52413

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X